Part Number Hot Search : 
6606A MC68HC 100DP CM600 AP230 2D102 203306B DP300
Product Description
Full Text Search
 

To Download 2SB645 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  savantic semiconductor product specification silicon pnp power transistors 2SB645 description with to-3 package high power dissipation applications for power switching and general purpose applications pinning(see fig.2) pin description 1 base 2 emitter 3 collector absolute maximum ratings(ta= ) symbol parameter conditions value unit v cbo collector-base voltage open emitter -200 v v ceo collector-emitter voltage open base -200 v v ebo emitter-base voltage open collector -5 v i c collector current -15 a i b base current -5 a p c collector power dissipation t c =25 150 w t j junction temperature 150  t stg storage temperature -65~150  fig.1 simplified outline (to-3) and symbol
savantic semiconductor product specification 2 silicon pnp power transistors 2SB645 c haracteristics tj=25 unless otherwise specified symbol parameter conditions min typ. max unit v (br)ceo collector-emitter breakdown voltage i c =-50ma ;i b =0 -200 v v (br)ebo emitter-base breakdown voltage i e =-1ma ;i c =0 -5 v v cesat collector-emitter saturation voltage i c =-10a; i b =-1a -3.0 v i cbo collector cut-off current v cb =-200v; i e =0 -0.1 ma i ebo emitter cut-off current v eb =-6v; i c =0 -0.1 ma h fe dc current gain i c =-1a ; v ce =-5v 40 140 f t transition frequency i c =-0.5a ; v ce =-10v 12 mhz  h fe classifications r o 40-80 70-140
savantic semiconductor product specification 3 silicon pnp power transistors 2SB645 package outline fig.2 outline dimensions (unindicated tolerance:0.1mm)


▲Up To Search▲   

 
Price & Availability of 2SB645

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X